Part Number Hot Search : 
12A32 PST9235 BV55BE D6102G MT48LC8 BLFY455C 1N4761 A1374
Product Description
Full Text Search
 

To Download PAL16L8-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FINAL
COM'L: -4/5/7/B/B-2/A, D/2
PAL16R8 Family
20-Pin TTL Programmable Array Logic
DISTINCTIVE CHARACTERISTICS
s As fast as 4.5 ns maximum propagation delay s Popular 20-pin architectures: 16L8, 16R8, 16R6, 16R4 s Programmable replacement for high-speed TTL logic s Register preload for testability s Power-up reset for initialization
Advanced Micro Devices
s Extensive third-party software and programmer support through FusionPLD partners s 20-Pin DIP and PLCC packages save space s 28-Pin PLCC-4 package provides ultra-clean high-speed signals
GENERAL DESCRIPTION
The PAL16R8 Family (PAL16L8, PAL16R8, PAL16R6, PAL16R4) includes the PAL16R8-5/4 Series which provides the highest speed in the 20-pin TTL PAL device family, making the series ideal for high-performance applications. The PAL16R8 Family is provided with standard 20-pin DIP and PLCC pinouts and a 28-pin PLCC pinout. The 28-pin PLCC pinout contains seven extra ground pins interleaved between the outputs to reduce noise and increase speed. The devices provide user-programmable logic for replacing conventional SSI/MSI gates and flip-flops at a reduced chip count. The family allows the systems engineer to implement the design on-chip, by opening fuse links to configure AND and OR gates within the device, according to the desired logic function. Complex interconnections between gates, which previously required time-consuming layout, are lifted from the PC board and placed on silicon, where they can be easily modified during prototyping or production. The PAL device implements the familiar Boolean logic transfer function, the sum of products. The PAL device is a programmable AND array driving a fixed OR array. The AND array is programmed to create custom product terms, while the OR array sums selected terms at the outputs. In addition, the PAL device provides the following options: -- Variable input/output pin ratio -- Programmable three-state outputs -- Registers with feedback Product terms with all connections opened assume the logical HIGH state; product terms connected to both true and complement of any single input assume the logical LOW state. Registers consist of D-type flip-flops that are loaded on the LOW-to-HIGH transition of the clock. Unused input pins should be tied to VCC or GND. The entire PAL device family is supported by the FusionPLD partners. The PAL family is programmed on conventional PAL device programmers with appropriate personality and socket adapter modules. Once the PAL device is programmed and verified, an additional connection may be opened to prevent pattern readout. This feature secures proprietary circuits.
PRODUCT SELECTOR GUIDE
Device PAL16L8 PAL16R8 PAL16R6 PAL16R4 Dedicated Inputs 10 8 8 8 Outputs 6 comb. 2 comb. 8 reg. 6 reg. 2 comb. 4 reg. 4 comb. Product Terms/ Output 7 7 8 8 7 8 7 Feedback I/O - reg. reg. I/O reg. I/O Enable prog. prog. pin pin prog. pin prog.
Publication# 16492 Rev. D Issue Date: February 1996
Amendment /0
2-3
AMD
BLOCK DIAGRAMS
PAL16L8
INPUTS
10
Programmable AND Array (32 x 64)
7
7
7
7
7
7
7
7
O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
O8 16492D-1
PAL16R8
CLK INPUTS OE
8
Programmable AND Array (32 x 64)
8
8
8
8
8
8
8
8
Q
D Q
Q
D Q
Q
D Q
Q
D Q
Q
D Q
Q
D Q
Q
D Q
Q
D Q
O1
O2
O3
O4
O5
O6
O7
O8 16492D-2
2-4
PAL16R8 Family
AMD
BLOCK DIAGRAMS
PAL16R6
CLK INPUTS OE
8
Programmable AND Array (32 x 64)
7
8
8
8
8
8
8
7
Q
D Q
Q
D Q
Q
D Q
Q
D Q
Q
D Q
Q
D Q
I/O1
O2
O3
O4
O5
O6
O7
I/O8
16492D-3
CLK
PAL16R4
OE
8
Programmable AND Array (32 x 64)
7
7
8
8
8
8
7
7
Q
D Q
Q
D Q
Q
D Q
Q
D Q
I/O1
I/O2
O3
O4
O5
O6
I/O7
I/O8
16492D-4
PAL16R8 Family
2-5
AMD
CONNECTION DIAGRAMS Top View DIP
(Note 1) I1 I2 I3 I4 I5 I6 I7 I8 GND 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC (Note 9) (Note 8) (Note 7) (Note 6) (Note 5) (Note 4) (Note 3) (Note 2)
9 I8
16492D-5
20-Pin PLCC
(Note 10) (Note 1) 1
I2
3 I3 I4 I5 I6 I7 4 5 6 7 8
I1
(Note 10)
2
20 19 18 17 16 15 14 (Note 9) (Note 8) (Note 7) (Note 6) (Note 5)
10 11 12 13 (Note 2) GND (Note 3) (Note 4)
VCC
28-Pin PLCC
VCC I6 I7 I5 I4 I3 I2
16492D-6
4 I8 GND (Note 2) (Note 3) GND (Note 4) GND 5 6 7 8 9 10 11
3
2
1 28 27 26 25 24 23 22 21 20 19 I1 (Note 1) VCC (Note 10) GND (Note 9) GND
PIN DESIGNATIONS
CLK GND I I/O O OE VCC
Note: Pin 1 is marked for orientation.
16492D-7
= = = = = = =
Clock Ground Input Input/Output Output Output Enable Supply Voltage
12 13 14 15 16 17 18 (Note 5) (Note 7) GND (Note 6) (Note 8) GND GND
Note 1 2 3 4 5 6 7 8 9 10
16L8 I0 I9 O1 I/O2 I/O3 I/O4 I/O5 I/O6 I/O7 O8
16R8 CLK OE O1 O2 O3 O4 O5 O6 O7 O8
16R6 CLK OE I/O1 O2 O3 O4 O5 O6 O7 I/O8
16R4 CLK OE I/O1 I/O2 O3 O4 O5 O6 I/O7 I/O8
2-6
PAL16R8 Family
AMD
ORDERING INFORMATION Commercial Products
AMD programmable logic products for commercial applications are available with several ordering options. The order number (Valid Combination) is formed by a combination of: PAL 16 R8 -5 PC
FAMILY TYPE PAL = Programmable Array Logic NUMBER OF ARRAY INPUTS OUTPUT TYPE R = Registered L = Active-Low Combinatorial NUMBER OF OUTPUTS SPEED -4 = 4.5 ns tPD -5 = 5 ns tPD -7 = 7.5 ns tPD D = 10 ns tPD VERSION Blank = First Revision /2 = Second Revision
OPTIONAL PROCESSING Blank = Standard Processing OPERATING CONDITIONS C = Commercial (0C to +75C) PACKAGE TYPE P = 20-Pin Plastic DIP (PD 020) J = 20-Pin Plastic Leaded Chip Carrier (PL 020) 28-Pin Plastic Leaded Chip Carrier for -4 (PL 028) D = 20-Pin Ceramic DIP (CD 020)
Valid Combinations PAL16L8 PAL16R8 PAL16R6 PAL16R4 PAL16L8-7 PAL16R8-7 PAL16R6-7 PAL16R4-7 PAL16L8D/2 PAL16R8D/2 PAL16R6D/2 PAL16R4D/2 PC, JC PC, JC, DC -5PC, -5JC, -4JC
Valid Combinations Valid Combinations lists configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations.
PAL16R8-4/5/7, D/2 (Com'l)
2-7
AMD
ORDERING INFORMATION Commercial Products (MMI Marking Only)
AMD programmable logic products for commercial applications are available with several ordering options. The order number (Valid Combination) is formed by a combination of:
PAL
16
R 8 B -2 C N
a. b. c.
FAMILY TYPE PAL = Programmable Array Logic NUMBER OF ARRAY INPUTS OUTPUT TYPE R = Registered L = Active-Low Combinatorial NUMBER OF OUTPUTS SPEED B = Very High Speed (15 ns-35 ns tPD) A = High Speed (25 ns-35 ns tPD)
i. h.
OPTIONAL PROCESSING Blank = Standard Processing PACKAGE TYPE N = 20-Pin Plastic DIP (PD 020) NL = 20-Pin Plastic Leaded Chip Carrier (PL 020) J = 20-Pin Ceramic DIP (CD 020) OPERATING CONDITIONS C = Commercial (0C to +75C)
d.
g.
f.
POWER Blank = Full Power (155 mA-180 mA ICC) -2 = Half Power (80 mA-90 mA ICC) -4 = Quarter Power (55 mA ICC)
Valid Combinations PAL16L8 PAL16R8 PAL16R6 PAL16R4 B, B-2, A, B-4 CN, CNL, CJ
Valid Combinations Valid Combinations lists configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations.
Note: Marked with MMI logo.
2-8
PAL16R8/B/B-2/A/B-4 (Com'l)
AMD
FUNCTIONAL DESCRIPTION Standard 20-Pin PAL Family
The standard bipolar 20-pin PAL family devices have common electrical characteristics and programming procedures. Four different devices are available, including both registered and combinatorial devices. All parts are produced with a fuse link at each input to the AND gate array, and connections may be selectively removed by applying appropriate voltages to the circuit. Utilizing an easily-implemented programming algorithm, these products can be rapidly programmed to any customized pattern. Extra test words are preprogrammed during manufacturing to ensure extremely high field programming yields, and provide extra test paths to achieve excellent parametric correlation.
Registers with Feedback
Registered outputs are provided for data storage and synchronization. Registers are composed of D-type flip-flops that are loaded on the LOW-to-HIGH transition of the clock input.
Register Preload
The register on the AMD marked 16R8, 16R6, and 16R4 devices can be preloaded from the output pins to facilitate functional testing of complex state machine designs. This feature allows direct loading of arbitrary states, making it unnecessary to cycle through long test vector sequences to reach a desired state. In addition, transitions from illegal states can be verified by loading illegal states and observing proper recovery.
Pinouts
The PAL16R8 Family is available in the standard 20-pin DIP and PLCC pinouts and the PAL16R8-4 Series is available in the new 28-pin PLCC pinout. The 28-pin PLCC pinout gives the designer the cleanest possible signal with only 4.5 ns delay. The PAL16R8-4 pinout has been designed to minimize the noise that can be generated by high-speed signals. Because of its inherently shorter leads, the PLCC package is the best package for use in high-speed designs. The short leads and multiple ground signals reduce the effective lead inductance, minimizing ground bounce. Placing the ground pins between the outputs optimizes the ground bounce protection, and also isolates the outputs from each other, eliminating cross-talk. This pinout can reduce the effective propagation delay by as much as 20% from a standard DIP pinout. Design files for PAL16R8-4 Series devices are written as if the device had a standard 20-pin DIP pinout for most design software packages.
Power-Up Reset
All flip-flops power-up to a logic LOW for predictable system initialization. Outputs of the PAL16R8 Family will be HIGH due to the active-low outputs. The VCC rise must be monotonic and the reset delay time is 1000 ns maximum.
Security Fuse
After programming and verification, a PAL16R8 Family design can be secured by programming the security fuse. Once programmed, this fuse defeats readback of the internal programmed pattern by a device programmer, securing proprietary designs from competitors. When the security fuse is programmed, the array will read as if every fuse is programmed.
Quality and Testability
The PAL16R8 Family offers a very high level of built-in quality. Extra programmable fuses provide a means of verifying performance of all AC and DC parameters. In addition, this verifies complete programmability and functionality of the device to provide the highest programming yields and post-programming functional yields in the industry.
Variable Input/Output Pin Ratio
The registered devices have eight dedicated input lines, and each combinatorial output is an I/O pin. The PAL16L8 has ten dedicated input lines and six of the eight combinatorial outputs are I/O pins. Buffers for device inputs have complementary outputs to provide user-programmable input signal polarity. Unused input pins should be tied to VCC or GND.
Technology
The PAL16R8-5, -7 and D/2 are fabricated with AMD's oxide isolated bipolar process. The array connections are formed with highly reliable PtSi fuses. The PAL16R8B, B-2, A and B-4 series are fabricated with AMD's advanced trench-isolated bipolar process. The array connections are formed with proven TiW fuses for reliable operation. These processes reduce parasitic capacitances and minimum geometries to provide higher performance.
Programmable Three-State Outputs
Each output has a three-state output buffer with threestate control. On combinatorial outputs, a product term controls the buffer, allowing enable and disable to be a function of any product of device inputs or output feedback. The combinatorial output provides a bidirectional I/O pin and may be configured as a dedicated input if the output buffer is always disabled. On registered outputs, an input pin controls the enabling of the three-state outputs.
PAL16R8 Family
2-9
AMD
LOGIC DIAGRAM DIP and 20-Pin PLCC (28-Pin PLCC) Pinouts
16L8-5 16L8 (-4)(-4)
I0 1 (24)
0 0
3
4
78
11 12
15 16
19 20
23 24
27 28
31
20 VCC (23)
19 O8
7
I1 2
(22) GND
(25)
8
(21) 18 I/O7
15
I2 3 (26)
(20)
GND
16
(19) 17 I/O6 (18)
23
I3 4 (27)
GND
24
(17) 16 I/O5 (16)
31
I4 5 (28)
VCC (1)
GND
32
(15)
15 I/O4 (14)
39
GND
I5 6 (2)
40
(13)
14 I/O3
47
I6 7 (3)
(12) GND
48
(11)
13 I/O2 (10)
55
I7 8
(4)
GND
56
(9)
12 O1 (8)
63
I8 9 (5)
11 I9 (7)
0
GND 10 (6)
3
4
78
11 12
15 16
19 20
23 24
27 28
31
16492D-8
2-10
PAL16R8 Family
AMD
LOGIC DIAGRAM DIP and 20-Pin PLCC (28-Pin PLCC) Pinouts
16R8-5 (-4) 16R8 (-4)
CLK 1 (24)
0 0
3
4
78
11 12
15 16
19 20
23 24
27 28
31
20 VCC (23)
DQ
V
7
I1 2 (25)
Q
19 O 8 (22)
GND
8
DQ
(21)
V
15
I2 3 (26)
Q
18 O 7 (20)
GND
16
DQ
(19)
V
23
I3 4 (27)
Q
17 O 6 (18)
GND
24
DQ
(17)
V
31
I4 5 (28)
Q
16 O5 (16)
GND
32
DQ
(15)
15 O 4 (14)
VCC
V
(1)
39
I5 6 (2)
Q
GND
40
DQ
(13)
14 O 3 (12)
V
47
I6 7 (3)
Q
GND
48
DQ
(11)
V
55
I7 8 (4)
Q
13 O 2 (10)
GND
56
DQ
(9)
12 O1 (8) 11 OE (7)
V
63
I8 9 (5)
Q
0
GND 10 (6)
3
4
78
11 12
15 16
19 20
23 24
27 28
31
16492D-9
PAL16R8 Family
2-11
AMD
LOGIC DIAGRAM DIP and 20-Pin PLCC (28-Pin PLCC) Pinouts
16R6-5 (-4) 16R6 (-4)
CLK 1 (24)
0 0
3
4
78
11 12
15 16
19 20
23 24
27 28
31
20 VCC (23)
7
I1 2 (25)
19 I/O8 (22)
GND
8
DQ
(21)
V
15
I2 3 (26)
Q
18 O 7 (20)
GND
16
DQ
(19)
V
23
I3 4 (27)
Q
17 O 6 (18)
GND
24
DQ
(17)
V
31
I4 5 (28)
VCC
(1)
Q
16 O5 (16)
GND
32
DQ
(15)
15 O 4 (14)
V
39
I5 6 (2)
Q
GND
40
DQ
(13)
14 O 3 (12)
V
47
I6 7 (3)
Q
GND
48
DQ
(11)
13 O 2 (10)
V
55
I7 8 (4)
Q
GND
56
(9)
12 I/O1 (8)
63
I8 9 (5)
11 OE (7)
0
GND 10 (6)
3
4
78
11 12
15 16
19 20
23 24
27 28
31
16492D-10
2-12
PAL16R8 Family
AMD
LOGIC DIAGRAM DIP and 20-Pin PLCC (28-Pin PLCC) Pinouts
16R4-5 16R4 (-4)(-4)
CLK 1 (24)
0 0
3
4
78
11 12
15 16
19 20
23 24
27 28
31
20 VCC (23)
19 I/O8 (22)
7
I1 2 (25)
GND
8
(21)
18 I/O7
(20)
15
I2 3 (26)
GND (19)
DQ
16
V
Q
17 O6 (18)
23
I3 4 (27)
GND (17)
DQ
24
16 O5
V
Q
(16) GND
31
I4 5 (28)
VCC
(15)
DQ
32
V
(1)
39
I5 6 (2)
Q
15 O4 (14)
GND
40
DQ
(13)
14 O3 (12)
V
Q
47
I6 7 (3)
GND (11)
13 I/O2 (10)
48
55
I7 8 (4)
GND
56
(9)
12 I/O1 (8)
63
I8 9 (5)
11 OE (7)
0
GND 10 (6)
3
4
78
11 12
15 16
19 20
23 24
27 28
31
16492D-11
PAL16R8 Family
2-13
AMD
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature with Power Applied . . . . . . . . . . . . . . . -65C to +150C Storage Temperature . . . . . . . . . . -55C to +125C Supply Voltage with Respect to Ground . . . . . . . . . . . . . -0.5 V to + 7.0 V DC Input Voltage . . . . . . . . . . -1.2 V to VCC + 0.5 V DC Input Current . . . . . . . . . . . . . -30 mA to + 5 mA DC Output or I/O Pin Voltage . . . . . . . . . . . . . . . . . . -0.5 V to VCC + 0.5 V Static Discharge Voltage . . . . . . . . . . . . . . . 2001 V
Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability. Programming conditions may differ.
OPERATING RANGES
Commercial (C) Devices Ambient Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . . 0C to +75C Supply Voltage (VCC) with Respect to Ground . . . . . . . . . +4.75 V to +5.25 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise specified
Parameter Symbol VOH VOL VIH VIL VI IIH IIL II IOZH IOZL ISC ICC Parameter Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Clamp Voltage Input HIGH Current Input LOW Current Maximum Input Current Off-State Output Leakage Current HIGH Off-State Output Leakage Current LOW Output Short-Circuit Current Supply Current Test Conditions IOH = -3.2 mA IOL = 24 mA VIN = VIH or VIL VCC = Min VIN = VIH or VIL VCC = Min 2.0 0.8 -1.2 25 -250 1 100 -100 -30 -130 210 Min 2.4 0.5 Max Unit V V V V V A A mA A A mA mA
Guaranteed Input Logical HIGH Voltage for all Inputs (Note 1) Guaranteed Input Logical LOW Voltage for all Inputs (Note 1) IIN = -18 mA, VCC = Min VIN = 2.7 V, VCC = Max (Note 2) VIN = 0.4 V, VCC = Max (Note 2) VIN = 5.5 V, VCC = Max VOUT = 2.7 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.4 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.5 V, VCC = Max (Note 3) VIN = 0 V, Outputs Open (IOUT = 0 mA) VCC = Max
Notes: 1. These are absolute values with respect to device ground and all overshoots due to system and/or tester noise are included. 2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH). 3. Not more than one output should be tested at a time. Duration of the short-circuit should not exceed one second. VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation.
2-14
PAL16R8-4/5 (Com'l)
AMD
CAPACITANCE (Note 1)
Parameter Symbol CIN COUT Parameter Description Input Capacitance Output Capacitance CLK, OE I1-I8 Test Conditions VIN = 2.0 V VOUT = 2.0 V VCC = 5.0 V TA = 25C f = 1 MHz Typ 8 5 8 Unit
pF
Note: 1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2)
-5 Parameter Symbol tPD tS tH tCO tSKEWR tWL tWH Clock Width Maximum Frequency (Note 5) Parameter Description Input or Feedback to Combinatorial Output Setup Time from Input or Feedback to Clock Hold Time Clock to Output Skew Between Registered Outputs (Note 4) LOW HIGH External Feedback Internal Feedback (fCNT) No Feedback tPZX tPXZ tEA tER OE to Output Enable OE to Output Disable Input to Output Enable Using Product Term Control Input to Output Disable Using Product Term Control 1/(tS + tCO) 1/(tS + tCF) (Note 6) 1/(tWH + tWL)
16R8, 16R6, 16R4 16L8, 16R8, 16R4
-4 Max 5 Min (Note 3) 1 4.5 0 4.0 1 1 3.5 0.5 4 4 125 125 125 6.5 5 6.5 5 1 1 2 2 6.5 5 6.5 5 Max 4.5 Unit ns ns ns ns ns ns ns MHz MHz MHz ns ns ns ns
Min (Note 3) 1 4.5 0 1
4 4 117 125 125 1 1 2
fMAX
16L8, 16R6, 16R4
2
Notes: 2. See Switching Test Circuit for test conditions. 3. Output delay minimums for tPD, tCO, tPZX, tPXZ, tEA, and tER are defined under best case conditions. Future process improvements may alter these values; therefore, minimum values are recommended for simulation purposes only. 4. Skew testing takes into account pattern and switching direction differences between outputs. 5. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where the frequency may be affected. 6. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation: tCF = 1/fMAX (internal feedback) - tS.
PAL16R8-4/5 (Com'l)
2-15
AMD
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . -65C to +150C Ambient Temperature with Power Applied . . . . . . . . . . . . . . . . . -55C to +125C Supply Voltage with Respect to Ground . . . . . . . . . . . . . -0.5 V to + 7.0 V DC Input Voltage . . . . . . . . . . . . . . . -1.2 V to + 7.0 V DC Input Current . . . . . . . . . . . . . . -30 mA to + 5 mA DC Output or I/O Pin Voltage . . . . . . . . . . . . . . . . . . -0.5 V to VCC + 0.5 V Static Discharge Voltage . . . . . . . . . . . . . . . . . 2001 V
Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability. Programming conditions may differ.
OPERATING RANGES
Commercial (C) Devices Ambient Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . 0C to +75C Supply Voltage (VCC) with Respect to Ground . . . . . . . . +4.75 V to +5.25 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise specified
Parameter Symbol VOH VOL VIH VIL VI IIH IIL II IOZH IOZL ISC ICC Parameter Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Clamp Voltage Input HIGH Current Input LOW Current Maximum Input Current Off-State Output Leakage Current HIGH Off-State Output Leakage Current LOW Output Short-Circuit Current Supply Current Test Conditions IOH = -3.2 mA IOL = 24 mA VIN = VIH or VIL VCC = Min VIN = VIH or VIL VCC = Min 2.0 0.8 -1.2 25 -250 1 100 -100 -30 -130 180 Min 2.4 0.5 Max Unit V V V V V A A mA A A mA mA
Guaranteed Input Logical HIGH Voltage for all Inputs (Note 1) Guaranteed Input Logical LOW Voltage for all Inputs (Note 1) IIN = -18 mA, VCC = Min VIN = 2.7 V, VCC = Max (Note 2) VIN = 0.4 V, VCC = Max (Note 2) VIN = 5.5 V, VCC = Max VOUT = 2.7 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.4 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.5 V, VCC = Max (Note 3) VIN = 0 V, Outputs Open (IOUT = 0 mA) VCC = Max
Notes: 1. These are absolute values with respect to device ground and all overshoots due to system and/or tester noise are included. 2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH). 3. Not more than one output should be tested at a time. Duration of the short-circuit should not exceed one second. VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation.
2-16
PAL16R8-7 (Com'l)
AMD
CAPACITANCE (Note 1)
Parameter Symbol CIN COUT Parameter Description Input Capacitance Output Capacitance Test Conditions VIN = 2.0 V VOUT = 2.0 V VCC = 5.0 V TA = 25C f = 1 MHz Typ 5 8 Unit pF
Note: 1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2)
Parameter Symbol tPD tS tH tCO tSKEW tWL tWH Maximum Frequency (Note 5) Parameter Description Input or Feedback to Combinatorial Output 1 Output Switching 16L8, 16R6, 16R4 Min (Note 3) 3 3 7 0 1 16R8, 16R6, 16R4 5 5 1/(tS + tCO) 1/(tS + tCF) (Note 6) 1/(tWH + tWL) 74 100 100 1 1 16L8, 16R6, 16R4 3 3 8 8 10 10 6.5 1 Max 7.5 7 Unit ns ns ns ns ns ns ns MHz MHz MHz ns ns ns ns
Setup Time from Input or Feedback to Clock Hold Time Clock to Output Skew Between Registered Outputs (Note 4) Clock Width LOW HIGH External Feedback Internal Feedback (fCNT) No Feedback
fMAX
tPZX tPXZ tEA tER
OE to Output Enable OE to Output Disable Input to Output Enable Using Product Term Control Input to Output Disable Using Product Term Control
Notes: 2. See Switching Test Circuit for test conditions. 3. Output delay minimums for tPD, tCO, tPZX, tPXZ, tEA, and tER are defined under best case conditions. Future process improvements may alter these values; therefore, minimum values are recommended for simulation purposes only. 4. Skew is measured with all outputs switching in the same direction. 5. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where the frequency may be affected. 6. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation: tCF = 1/fMAX (internal feedback) - tS.
PAL16R8-7 (Com'l)
2-17
AMD
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . -65C to +150C Ambient Temperature with Power Applied . . . . . . . . . . . . . . . . . -55C to +125C Supply Voltage with Respect to Ground . . . . . . . . . . . . . -0.5 V to + 7.0 V DC Input Voltage . . . . . . . . . . . . . . . -1.5 V to + 5.5 V DC Output or I/O Pin Voltage . . . . . -0.5 V to + 5.5 V Static Discharge Voltage . . . . . . . . . . . . . . . . . 2001 V
Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability. Programming conditions may differ.
OPERATING RANGES
Commercial (C) Devices Ambient Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . 0C to +75C Supply Voltage (VCC) with Respect to Ground . . . . . . . . +4.75 V to +5.25 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise specified
Parameter Symbol VOH VOL VIH VIL VI IIH IIL II IOZH IOZL ISC ICC Parameter Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Clamp Voltage Input HIGH Current Input LOW Current Maximum Input Current Off-State Output Leakage Current HIGH Off-State Output Leakage Current LOW Output Short-Circuit Current Supply Current Test Conditions IOH = -3.2 mA IOL = 24 mA VIN = VIH or VIL VCC = Min VIN = VIH or VIL VCC = Min 2.0 0.8 -1.5 25 -250 100 100 -100 -30 -130 180 Min 2.4 0.5 Max Unit V V V V V A A A A A mA mA
Guaranteed Input Logical HIGH Voltage for all Inputs (Note 1) Guaranteed Input Logical LOW Voltage for all Inputs (Note 1) IIN = -18 mA, VCC = Min VIN = 2.4 V, VCC = Max (Note 2) VIN = 0.4 V, VCC = Max (Note 2) VIN = 5.5 V, VCC = Max VOUT = 2.4 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.4 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.5 V, VCC = Max (Note 3) VIN = 0 V, Outputs Open (IOUT = 0 mA) VCC = Max
Notes: 1. These are absolute values with respect to device ground and all overshoots due to system and/or tester noise are included. 2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH). 3. Not more than one output should be tested at a time. Duration of the short-circuit should not exceed one second. VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation.
2-18
PAL16R8D/2 (Com'l)
AMD
CAPACITANCE (Note 1)
Parameter Symbol CIN COUT Parameter Description Input Capacitance Output Capacitance Test Conditions VIN = 2.0 V VOUT = 2.0 V VCC = 5.0 V TA = 25C f = 1 MHz 8 5 pF Typ Unit
Note: 1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2)
Parameter Symbol tPD tS tH tCO tWL tWH Maximum Frequency (Note 4) Parameter Description Input or Feedback to Combinatorial Output Setup Time from Input or Feedback to Clock Hold Time Clock to Output Clock Width LOW HIGH External Feedback Internal Feedback (fCNT) No Feedback tPZX tPXZ tEA tER OE to Output Enable OE to Output Disable Input to Output Enable Using Product Term Control Input to Output Disable Using Product Term Control 16L8, 16R6, 16R4 1/(tS + tCO) 1/(tS + tCF) (Note 5) 1/(tWH + tWL) 16R8, 16R6, 16R4 16L8, 16R6, 16R4 Min (Note 3) 3 10 0 3 8 8 58.8 60 62.5 2 2 3 3 10 10 10 10 7 Max 10 Unit ns ns ns ns ns ns MHz MHz MHz ns ns ns ns
fMAX
Notes: 2. See Switching Test Circuit for test conditions. 3. Output delay minimums for tPD, tCO, tPZX, tPXZ, tEA, and tER are defined under best case conditions. Future process improvements may alter these values; therefore, minimum values are recommended for simulation purposes only. 4. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where the frequency may be affected. 5. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation: tCF = 1/fMAX (internal feedback) - tS.
PAL16R8D/2 (Com'l)
2-19
AMD
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . -65C to +150C Ambient Temperature with Power Applied . . . . . . . . . . . . . . . . . -55C to +125C Supply Voltage with Respect to Ground . . . . . . . . . . . . . -0.5 V to +7.0 V DC Input Voltage . . . . . . . . . . . -1.5 V to VCC + 0.5 V DC Output or I/O Pin Voltage . . . . . . . . . . . . . . . . . . -0.5 V to VCC + 0.5 V
Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability. Programming conditions may differ.
OPERATING RANGES
Commercial (C) Devices Ambient Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . 0C to +75C Supply Voltage (VCC) with Respect to Ground . . . . . . . . +4.75 V to +5.25 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise specified
Parameter Symbol VOH VOL VIH VIL VI IIH IIL II IOZH IOZL ISC ICC Parameter Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Clamp Voltage Input HIGH Current Input LOW Current Maximum Input Current Off-State Output Leakage Current HIGH Off-State Output Leakage Current LOW Output Short-Circuit Current Supply Current Test Conditions IOH = -3.2 mA IOL = 24 mA VIN = VIH or VIL VCC = Min VIN = VIH or VIL VCC = Min 2.0 0.8 -1.2 V 25 -250 100 100 -100 -30 -130 180 A A A A A mA mA Min 2.4 0.5 Max Unit V V V V
Guaranteed Input Logical HIGH Voltage for all Inputs (Note 1) Guaranteed Input Logical LOW Voltage for all Inputs (Note 1) IIN = -18 mA, VCC = Min VIN = 2.4 V, VCC = Max (Note 2) VIN = 0.4 V, VCC = Max (Note 2) VIN = 5.5 V, VCC = Max VOUT = 2.4 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.4 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.5 V, VCC = Max (Note 3) VIN = 0 V, Outputs Open (IOUT = 0 mA) VCC = Max
Notes: 1. These are absolute values with respect to device ground and all overshoots due to system and/or tester noise are included. 2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH). 3. Not more than one output should be tested at a time. Duration of the short-circuit should not exceed one second. VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation.
2-20
PAL16R8B (Com'l)
AMD
CAPACITANCE (Note 1)
Parameter Symbol CIN COUT Parameter Description Input Capacitance Output Capacitance Test Conditions VIN = 2.0 V VOUT = 2.0 V VCC = 5.0 V TA = 25C f = 1 MHz Typ 8 9 pF Unit
Note: 1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2)
Parameter Symbol tPD tS tH tCO tWL tWH fMAX tPZX tPXZ tEA tER Maximum Frequency (Note 3) Parameter Description Input or Feedback to Combinatorial Output Setup Time from Input or Feedback to Clock Hold Time Clock to Output or Feedback Clock Width LOW HIGH External Feedback No Feedback 1/(tS + tCO) 1/(tWH + tWL) 16R8, 16R6, 16R4 10 10 37 50 15 15 16R8, 16R6, 16R4 15 15 16L8, 16R6, 16R4 15 0 12 Min Max 15 Unit ns ns ns ns ns ns MHz MHz ns ns ns ns
OE to Output Enable OE to Output Disable Input to Output Enable Using Product Term Control Input to Output Disable Using Product Term Control
Notes: 2. See Switching Test Circuit for test conditions. 3. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where capacitance may be affected.
PAL16R8B (Com'l)
2-21
AMD
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . -65C to +150C Ambient Temperature with Power Applied . . . . . . . . . . . . . . . . . -55C to +125C Supply Voltage with Respect to Ground . . . . . . . . . . . . . -0.5 V to +7.0 V DC Input Voltage . . . . . . . . . . . -1.5 V to VCC + 0.5 V DC Output or I/O Pin Voltage . . . . . . . . . . . . . . . . . . -0.5 V to VCC + 0.5 V
Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability. Programming conditions may differ.
OPERATING RANGES
Commercial (C) Devices Ambient Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . 0C to +75C Supply Voltage (VCC) with Respect to Ground . . . . . . . . +4.75 V to +5.25 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise specified
Parameter Symbol VOH VOL VIH VIL VI IIH IIL II IOZH IOZL ISC ICC Parameter Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Clamp Voltage Input HIGH Current Input LOW Current Maximum Input Current Off-State Output Leakage Current HIGH Off-State Output Leakage Current LOW Output Short-Circuit Current Supply Current Test Conditions IOH = -3.2 mA IOL = 24 mA VIN = VIH or VIL VCC = Min VIN = VIH or VIL VCC = Min 2.0 0.8 -1.2 25 -100 100 100 -100 -30 -130 90 Min 2.4 0.5 Max Unit V V V V V A A A A A mA mA
Guaranteed Input Logical HIGH Voltage for all Inputs (Note 1) Guaranteed Input Logical LOW Voltage for all Inputs (Note 1) IIN = -18 mA, VCC = Min VIN = 2.7 V, VCC = Max (Note 2) VIN = 0.4 V, VCC = Max (Note 2) VIN = 5.5 V, VCC = Max VOUT = 2.7 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.4 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.5 V, VCC = Max (Note 3) VIN = 0 V, Outputs Open (IOUT = 0 mA) VCC = Max
Notes: 1. These are absolute values with respect to device ground and all overshoots due to system and/or tester noise are included. 2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH). 3. Not more than one output should be tested at a time. Duration of the short-circuit should not exceed one second. VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation.
2-22
PAL16R8B-2 (Com'l)
AMD
CAPACITANCE (Note 1)
Parameter Symbol CIN COUT Parameter Description Input Capacitance Output Capacitance Test Conditions VIN = 2.0 V VOUT = 2.0 V VCC = 5.0 V TA = 25C f = 1 MHz Typ 7 pF 7 Unit
Note: 1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2)
Parameter Symbol tPD tS tH tCO tWL tWH fMAX Maximum Frequency (Note 4) Parameter Description Input or Feedback to Combinatorial Output Setup Time from Input or Feedback to Clock Hold Time Clock to Output Clock Width LOW HIGH External Feedback Internal Feedback (fCNT) No Feedback tPZX tPXZ tEA tER OE to Output Enable OE to Output Disable Input to Output Enable Using Product Term Control Input to Output Disable Using Product Term Control 16R8, 16R6, 16R4 1/(tS + tCO) 1/(tS + tCF) (Note 5) 1/(tWH + tWL) 16R8, 16R6, 16R4 15 15 25 28.5 33 20 20 25 25 16L8, 16R6, 16R4 25 0 15 Min Max 25 Unit ns ns ns ns ns ns MHz MHz MHz ns ns ns ns
Notes: 2. See Switching Test Circuit for test conditions. 3. Calculated from measured fMAX internal. 4. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where frequency may be affected. 5. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation: tCF = 1/fMAX (internal feedback) - tS.
PAL16R8B-2 (Com'l)
2-23
AMD
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . -65C to +150C Ambient Temperature with Power Applied . . . . . . . . . . . . . . . . . -55C to +125C Supply Voltage with Respect to Ground . . . . . . . . . . . . . -0.5 V to + 7.0 V DC Input Voltage . . . . . . . . . . . -1.5 V to VCC + 0.5 V DC Output or I/O Pin Voltage . . . . . . . . . . . . . . . . . . -0.5 V to VCC + 0.5 V
Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability. Programming conditions may differ.
OPERATING RANGES
Commercial (C) Devices Ambient Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . 0C to +75C Supply Voltage (VCC) with Respect to Ground . . . . . . . . +4.75 V to +5.25 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise specified
Parameter Symbol VOH VOL VIH VIL VI IIH IIL II IOZH IOZL ISC ICC Parameter Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Clamp Voltage Input HIGH Current Input LOW Current Maximum Input Current Off-State Output Leakage Current HIGH Off-State Output Leakage Current LOW Output Short-Circuit Current Supply Current 16L8 16R8/6/4 Test Conditions IOH = -3.2 mA IOL = 24 mA VIN = VIH or VIL VCC = Min VIN = VIH or VIL VCC = Min 2.0 0.8 -1.2 25 -250 100 100 -100 -30 -130 155 180 Min 2.4 0.5 Max Unit V V V V V A A A A A mA mA
Guaranteed Input Logical HIGH Voltage for all Inputs (Note 1) Guaranteed Input Logical LOW Voltage for all Inputs (Note 1) IIN = -18 mA, VCC = Min VIN = 2.7 V, VCC = Max (Note 2) VIN = 0.4 V, VCC = Max (Note 2) VIN = 5.5 V, VCC = Max VOUT = 2.7 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.4 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.5 V, VCC = Max (Note 3) VIN = 0 V, Outputs Open (IOUT = 0 mA) VCC = Max
Notes: 1. These are absolute values with respect to device ground and all overshoots due to system and/or tester noise are included. 2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH). 3. Not more than one output should be tested at a time. Duration of the short-circuit should not exceed one second. VCC = 0.5 V has been chosen to avoid test problems caused by tester ground degradation.
2-24
PAL16R8A (Com'l)
AMD
CAPACITANCE (Note 1)
Parameter Symbol CIN COUT Parameter Description Input Capacitance Output Capacitance Test Conditions VIN = 2.0 V VOUT = 2.0 V VCC = 5.0 V TA = 25C f = 1 MHz Typ 7 pF 7 Unit
Note: 1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2)
Parameter Symbol tPD tS tH tCO tWL tWH Maximum Frequency (Note 4) Parameter Description Input or Feedback to Combinatorial Output Setup Time from Input or Feedback to Clock Hold Time Clock to Output Clock Width LOW HIGH External Feedback Internal Feedback (fCNT) No Feedback tPZX tPXZ tEA tER OE to Output Enable OE to Output Disable Input to Output Enable Using Product Term Control Input to Output Disable Using Product Term Control 16R8, 16R6, 16R4 1/(tS + tCO) 1/(tS + tCF) (Note 5) 1/(tWH + tWL) 16R8, 16R6, 16R4 15 15 25 28.5 33 20 20 25 25 16L8, 16R6, 16R4 25 0 15 Min Max 25 Unit ns ns ns ns ns ns MHz MHz MHz ns ns ns ns
fMAX
Notes: 2. See Switching Test Circuit for test conditions. 3. Calculated from measured fMAX internal. 4. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where frequency may be affected. 5. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation: tCF = 1/fMAX (internal feedback) - tS.
PAL16R8A (Com'l)
2-25
AMD
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . -65C to +150C Ambient Temperature with Power Applied . . . . . . . . . . . . . . . . . -55C to +125C Supply Voltage with Respect to Ground . . . . . . . . . . . . . -0.5 V to +7.0 V DC Input Voltage . . . . . . . . . . . . . . . -1.5 V to +5.5 V DC Output or I/O Pin Voltage . . . . . . . . . . . . . . 5.5 V
Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability. Programming conditions may differ.
OPERATING RANGES
Commercial (C) Devices Ambient Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . 0C to +75C Supply Voltage (VCC) with Respect to Ground . . . . . . . . +4.75 V to +5.25 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise specified
Parameter Symbol VOH VOL VIH VIL VI IIH IIL II IOZH IOZL ISC ICC Parameter Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Clamp Voltage Input HIGH Current Input LOW Current Maximum Input Current Off-State Output Leakage Current HIGH Off-State Output Leakage Current LOW Output Short-Circuit Current Supply Current Test Conditions IOH = -1 mA IOL = 8 mA VIN = VIH or VIL VCC = Min VIN = VIH or VIL VCC = Min 2.0 0.8 -1.5 25 -250 100 100 -100 -30 -250 55 Min 2.4 0.5 Max Unit V V V V V A A A A A mA mA
Guaranteed Input Logical HIGH Voltage for all Inputs (Note 1) Guaranteed Input Logical LOW Voltage for all Inputs (Note 1) IIN = -18 mA, VCC = Min VIN = 2.4 V, VCC = Max (Note 2) VIN = 0.4 V, VCC = Max (Note 2) VIN = 5.5 V, VCC = Max VOUT = 2.4 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.4 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.5 V, VCC = Max (Note 3) VIN = 0 V, Outputs Open (IOUT = 0 mA) VCC = Max
Notes: 1. These are absolute values with respect to device ground and all overshoots due to system and/or tester noise are included. 2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH). 3. Not more than one output should be tested at a time. Duration of the short-circuit should not exceed one second. VOUT = 0.5 V as been chosen to avoid test problems caused by tester ground degradation.
2-26
PAL16R8B-4 (Com'l)
AMD
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 1)
Parameter Symbol tPD tS tH tCO tWL tWH fMAX tPZX tPXZ tEA tER Maximum Frequency (Note 2) Parameter Description Input or Feedback to Combinatorial Output Setup Time from Input or Feedback to Clock Hold Time Clock to Output or Feedback Clock Width LOW HIGH External Feedback No Feedback 1/(tS + tCO) 1/(tWH + tWL) 16R8, 16R6, 16R4 25 25 16 20 25 25 16L8, 16R6, 16R4 35 35 16L8, 16R6, 16R4 35 0 25 Min Max 35 Unit ns ns ns ns ns ns MHz MHz ns ns ns ns
OE to Output Enable OE to Output Disable Input to Output Enable Using Product Term Control Input to Output Disable Using Product Term Control
Notes: 1. See Switching Test Circuit for test conditions. 2. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where frequency may be affected.
PAL16R8B-4 (Com'l)
2-27
AMD
SWITCHING WAVEFORMS
Input or Feedback tS Input or Feedback VT tPD Combinatorial Output VT
16492D-12
VT tH VT
Clock Registered Output
tCO VT
16492D-13
Combinatorial Output
Registered Output
Clock
Registered Output 1
VT tSKEWR Clock VT
16492D-14
tWH VT tWL
16492D-15
Registered Output 2
Registered Output Skew
Clock Width
Input tER Output VOH - 0.5V VOL + 0.5V
VT OE tEA VT
16492D-16
VT tPXZ Output VOH - 0.5V VOL + 0.5V tPZX VT
16492D-17
Input to Output Disable/Enable
OE to Output Disable/Enable
Notes: 1. VT = 1.5 V 2. Input pulse amplitude 0 V to 3.0 V 3. Input rise and fall times 2 ns-3 ns typical.
2-28
PAL16R8 Family
AMD
KEY TO SWITCHING WAVEFORMS
WAVEFORM INPUTS Must be Steady May Change from H to L May Change from L to H Don't Care, Any Change Permitted Does Not Apply OUTPUTS Will be Steady Will be Changing from H to L Will be Changing from L to H Changing, State Unknown Center Line is HighImpedance "Off" State
KS000010-PAL
SWITCHING TEST CIRCUIT
5V
S1
R1 Output R2 Test Point
CL
16492D-18
Commercial Specification tPD, tCO tPZX, tEA tPXZ, tER S1 Closed Z H: Open Z L: Closed H Z: Open L Z: Closed 50 pF 5 pF CL R1 All but B-4: 200 B-4: 800 R2 All but B-4: 390 B-4: 1.56 k
Measured Output Value 1.5 V 1.5 V H Z: VOH - 0.5 V L Z: VOL + 0.5 V
PAL16R8 Family
2-29
AMD
MEASURED SWITCHING CHARACTERISTICS for the PAL16R8-5
VCC = 4.75 V, TA = 75C (Note 1)
5.0 -5 4.5
tPD, ns
4.0
3.5
3.0 1 2 3 4 5 6 Number of Outputs Switching 7 8
16492D-19
tPD vs. Number of Outputs Switching
10
8
tPD, ns
6 -5 4
2 0 50 100 CL, pF 150 200 250
tPD vs. Load Capacitance VCC = 5.25 V, TA = 25C
Note:
16492D-20
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where tPD may be affected.
2-30
PAL16R8-5
AMD
CURRENT VS. VOLTAGE (I-V) CHARACTERISTICS for the PAL16R8-4/5
VCC = 5.0 V, TA = 25C
IOL, mA 15 10 5 VOL, V -0.6 -0.4 -0.2 -5 -10 -15
16492D-21
0.2
0.4
0.6
Output, LOW
20
IOH, mA VOH, V
-3
-2
-1
1 -20 -40
2
3
-60 -80 -90
16492D-22
Output, HIGH
II, A 20 1 -3 -2 -1 -50 -100 -150 -200
16492D-23
2
3 VI, V
Input
PAL16R8-5
2-31
AMD
MEASURED SWITCHING CHARACTERISTICS for the PAL16R8-7
VCC = 4.75 V, TA = 75C (Note 1)
7.5
7
tPD, ns 6.5
6 1 2 3 4 5 6 7 8
16492D-24
NUMBER OF OUTPUTS SWITCHING
tPD vs. Number of Outputs Switching
8
7
tPD, ns 6
5 10 30 50 CL, pF
16492D-25
70
90
110
tPD vs. Load Capacitance
Note: 1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where tPD may be affected.
2-32
PAL16R8-7
AMD
CURRENT VS. VOLTAGE (I-V) CHARACTERISTICS for the PAL16R8-7
VCC = 5.0 V, TA = 25C
IOL, mA 15 10 5 VOL, V -0.6 -0.4 -0.2 -5 -10 -15
16492D-26
0.2
0.4
0.6
Output, LOW
IOH, mA 20 VOH, V -3 -2 -1 1 -20 -40 -60 -80
16492D-27
2
3
Output, HIGH
II, A 20 1 -3 -2 -1 -20 -40 -60 -80
16492D-28
2
3 VI, V
Input
PAL16R8-7
2-33
AMD
INPUT/OUTPUT EQUIVALENT SCHEMATICS
VCC
Input
Program/Verify Circuitry
16492D-29
Typical Input
VCC 40 NOM
Output
Input, I/O Pins
Program/Verify/ Test Circuitry Preload Circuitry
16492D-30
Typical Output
2-34
PAL16R8-5
AMD
POWER-UP RESET
The power-up reset feature ensures that all flip-flops will be reset to LOW after the device has been powered up. The output state will be HIGH due to the inverting output buffer. This feature is valuable in simplifying state machine initialization. A timing diagram and parameter table are shown below. Due to the synchronous operation of the power-up reset and the wide range of ways
Parameter Symbol tPR tS tWL Parameter Description Power-Up Reset Time Input or Feedback Setup Time Clock Width LOW
VCC can rise to its steady state, two conditions are required to ensure a valid power-up reset. These conditions are:
s The VCC rise must be monotonic. s Following reset, the clock input must not be driven
from LOW to HIGH until all applicable input and feedback setup times are met.
Max 1000 Unit ns
See Switching Characteristics
4V Power
VCC tPR
Registered Active-Low Output
tS
Clock
tWL
16492D-31
Power-Up Reset Waveform
PAL16R8 Family
2-35


▲Up To Search▲   

 
Price & Availability of PAL16L8-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X